Part Number Hot Search : 
B5046 1N581 PN330CL STV9936S P5NK60ZF 1N5249 MA26V11 U2N60
Product Description
Full Text Search
 

To Download BUL310PI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUL310 BUL310PI
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
s s s s s
s s s s
SGS-THOMSON PREFERRED SALESTYPES NPN TRANSISTOR HIGH VOLTAGE CAPABILITY LOW SPREAD OF DYNAMIC PARAMETERS MINIMUM LOT-TO-LOT SPREAD FOR RELIABLE OPERATION VERY HIGH SWITCHING SPEED FULLY CHARACTERISED AT 125oC LARGE RBSOA U.L. RECOGNISED ISOWATT220 PACKAGE (U.L. FILE # E81734 (N)): ISOLATION VOLTAGE 1500VRMS
1
2
3
1 2
3
TO-220
ISOWATT220
APPLICATIONS s ELECTRONIC BALLASTS FOR FLUORESCENT LIGHTING s FLYBACK AND FORWARD SINGLE TRANSISTOR LOW POWER CONVERTERS DESCRIPTION The BUL310 and BUL310PI are manufactured using high voltage Multi Epitaxial Planar technology for high switching speeds and high voltage capability. They use a Cellular Emitter structure with planar edge termination to enhance switching speeds while maintaining a wide RBSOA. The BUL series is designed for use in lighting applications and low cost switch-mode power supplies. ABSOLUTE MAXIMUM RATINGS
Symbol V CES V CEO V EBO IC I CM IB I BM P t ot T stg Tj Parameter BUL 310 Collector-Emitter Voltage (V BE = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current (tp <5 ms) Base Current Base Peak Current (tp <5 ms) Total Dissipation at T c = 25 o C Storage Temperature Max. O perating Junction Temperature 75 -65 to 150 150 1000 500 9 5 10 3 4 35 Value BUL310PI V V V V A A A W
o o
INTERNAL SCHEMATIC DIAGRAM
Uni t
C C 1/7
September 1997
BUL310/PI
THERMAL DATA
T O-220 R t hj-ca se R t hj- amb Thermal Resistance Junction-Case Thermal Resistance Junction-Ambient Max Max 1.65 62.5 ISOW ATT 220 3.58 62.5
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CES I CEO V CEO(sus) V EBO V CE(sat ) Parameter Collector Cut-off Current (V BE = 0) Collector Cut-off Current (IB = 0) Collector-Emitter Sustaining Voltage Emitter-Base Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current G ain INDUCTIVE LOAD Storage Time Fall T ime INDUCTIVE LOAD Storage Time Fall T ime Test Cond ition s V CE = 1000 V V CE = 1000 V V EC = 400 V I C = 100 mA I E = 10 mA IC = 1 A IC = 2 A IC = 3 A IC = 1 A IC = 2 A IC = 3 A I C = 10 mA IC = 3 A IC = 2 A V BE(of f) = -5 V V CL = 250 V IC = 2 A V BE(of f) = -5V V CL = 250 V o T j = 125 C I B = 0.2 A I B = 0.4 A I B = 0.6 A I B = 0.2 A I B = 0.4 A I B = 0.6 A V CE = 5 V V CE = 2.5 V IB1 = 0.4 A R BB = 0 L = 200 H IB1 = 0.4 A R BB = 0 L = 200 H 10 10 1.2 80 1.8 150 1.9 160 s ns s ns L= 25 mH 500 9 0.5 0.7 1.1 1 1.1 1.2 Tj = 125 C
o
Min.
Typ .
Max. 100 500 250
Un it A A A V V V V V V V V
V BE(s at)
hFE
ts tf ts tf
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Safe Operating Areas
Derating Curve
2/7
BUL310/PI
DC Current Gain DC Current Gain
Collector Emitter Saturation Voltage
Base Emitter Saturation Voltage
Inductive Fall Time
Inductive Storage Time
3/7
BUL310/PI
Reverse Biased SOA RBSOA and Inductive Load Switching Test Circuit
(1) Fast electronic switch (2) Non-inductive Resistor (3) Fast recovery rectifier
4/7
BUL310/PI
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147 4.40 1.23 2.40 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 0.645 0.551 0.116 0.620 0.260 0.154 0.151 mm TYP. MAX. 4.60 1.32 2.72 MIN. 0.173 0.048 0.094 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 inch TYP. MAX. 0.181 0.051 0.107
P011C
5/7
BUL310/PI
ISOWATT220 MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.4 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.015 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7 F1 F
D
G1
E
H
F2
123 L2 L4
P011G
6/7
G
BUL310/PI
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada- China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A . ..
7/7


▲Up To Search▲   

 
Price & Availability of BUL310PI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X